PART |
Description |
Maker |
M55302/167B25Z2 M55302/167B35Y2 M55302/167B32Z2 M5 |
75 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, WIRE WRAP 105 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, WIRE WRAP 96 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, WIRE WRAP 256 CONTACT(S), MALE, TWO PART BOARD CONNECTOR 380 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 184 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 356 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP 126 CONTACT(S), MALE, TWO PART BOARD CONNECTOR
|
AMPHENOL CORP
|
0505978000 50597-8000 |
3.96mm (.156) Wire-to-Wire and 6.50mm (.256) Pitch Wire-to-Board Crimp Terminal50597, Female, 16-22 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
2058301-1 2058301-2 2058299-1 1-2058299-1 2058299- |
Hermaphroditic Blade and Receptacle Connector - Wire-to-Board, Board-to-Board and Dust Cover
|
Tyco Electronics
|
501-1607E |
Connector: Wire to Board Connector: HDR: 16: 2.54: RATHRU
|
Tyco Electronics
|
0511111510 51111-1510 |
2.50mm (.098) Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, withoutRetainer, 15 Circuits 2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, withoutRetainer, 15 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
501-3427E |
Connector: Wire to Board Connector: HDR: 34: 2.54: THRU
|
Tyco Electronics
|
XARR-12V XARP-05V XARP-02V |
12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
50736-F501 50736-F223 50736-H695 50736-F745 50736- |
200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 88 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 296 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 236 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 220 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 280 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 228 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 232 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 180 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 316 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
A1252WV-SF A1252WV-SF-2 |
1.25mm pitch wire to board connector
|
ETC
|
|